Part Number Hot Search : 
A5800865 1N5380B 11610 CTF90 XC3000 MAX3467 M2N700 TH8080
Product Description
Full Text Search
 

To Download TCOP0J106M8R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCO series P Case
Tantalum capacitors
Chip tantalum capacitors
TCO Series P Case
Features (P) 1) Conductive polymer used for the cathode material. 2) Ultra-low ESR. (1/10 compared with the conventional type) 3) Screening by thermal shock. Dimensions (Unit : mm)
Anode mark
(Unit : mm)
L H W1
Dimensions L W1
P case 2.0 + 0.2 - 1.25 + 0.2 - 0.9 + 0.2 - 1.1 + 0.1 - 0.45 + 0.3 -
W2
W2 H
S
S
S
+
-
Part No. Explanation
Nominal capacitance in pF in 3 digits: 2 significant figures followed by the figure representing the number of 0's.
Series name
Case style
Nominal capacitance
TCO
P
Code 0J 1A
0
J
1
0
6
M
8R
8 : Tape width R : Positive electrode on the side opposite to sprocket hole
Rated voltage
Rated voltage (V) 6.3 10
Capacitance tolerance
Code Capacitance tolerance M + 20% -
Rev.C
1/8
TCO series P Case
Tantalum capacitors
Rated Table. Marking TCO Series P Case
Rated voltage (V.DC) F
N S W a e j n s
w
6.3 0J 3.3 4.7 6.8 10 15 22 33 47 68 P
10 1A P
Under development
Marking
The indications listed below should be given on the surface of a capacitor. (1) Polarity : The polarity should be shown by bar. (on the anode side) (2) Rated DC voltage : Due to the small size of P case, a voltage code is used as shown below. (3) Visual typical example (1) voltage code (2) capacitance code Voltage Code e g j A Rated DC Voltage (V) 2.5 4 6.3 10 Capacitance Code A E J N S W a e j n s Nominal Capacitance (F) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47
Voltage code Capacitance code P case (2012)
ja
Rev.C
2/8
TCO series P Case
Tantalum capacitors
Characteristics
Item Operating Temperature -55 C to +105 C Performance Test conditions (based on JIS C 5101-1 and JIS C 5101-3) Voltage reduction when temperature exceeds+85 C
Maximum operating +85 C temperature with no voltage derating Rated voltage (VDC) Category voltage (VDC) Surge voltage (VDC) DC Leakage current 6.3 10 5 8 at 85 C at 105 C at 85 C Rated voltage for 5min
8 13 3A or 0.1CV whichever is greater Shown in " Standard list " +20% Shall be satisfied allowance range. -
Capacitance tolerance
Tangent of loss angle (Df, tan )
Measuring frequency : 120+12Hz - Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit Shall be satisfied the voltage on " Standard list " Measuring frequency : 120 +12Hz - Measuring voltage : 0.5Vrms +1.5 to 2V.DC Measuring circuit : DC Equivalent series circuit
ESR
Shall be satisfied the voltage on " Standard list " Measuring frequency : 100 +10kHz - Measuring voltage : 0.5Vrms or less
Resistance to Appearance There should be no significant abnormality. Soldering heat The indications should be clear. L.C. C / C tan Less than 150% of initial limit Within + 20% of initial value - Less than 150% of initial limit
Dip in the solder bath + Solder temp : 240- 5 C Duration : 10+0.5s - :1 Repetition
After the specimens, leave it at room temperature for over 24h and then measure the sample.
Rev.C
3/8
TCO series P Case
Tantalum capacitors
Item Temperature cycle Performance Appearance There should be no significant abnormality. L.C C / C Test conditions (based on JIS C 5101-1 and JIS C 5101-3) Repetition : 5 cycles (1 cycle : steps 1 to 4) without discontinuation. Temp. -55+3 C - Room temp. 105+2 C - Room temp. Time 30+3min - 3min.or less 30+3min - 3min.or less
Less than 500% of initial limit
Within+20% of intial value - 1 2 3 4
Df (tan )
Less than 150% of initial limit
After the specimens, leave it at room temperature for over 24h and then measure the sample.
Moisture resistance
Appearance There should be no significant abnormality. The indications should be L.C C / C Df (tan )
Less than 150% of initial limit +30% / -20% Less than 150% of initial limit
-55 C
After leaving the sample under such atmospheric condition that the temperature and humidity are + + 40 - 2 C and 90 to 95% RH,respectiveiy,for 500 - 24h leave it at room temperature for over 24h and then measure the sample.
Temperature Stebility
Temp. C / C Df (tan ) L.C Temp. C / C Df (tan ) L.C
Within 0/-20% of initial value
Shall be satisfied the voltage on " Standard list " -
+105 C
Within +50/0% of initial value
Shall be satisfied the voltage on " Standard list " Less than 1CV
Apply the specified serge voltage every 5+ 0.5 min. - for 30+5 s. each time in the atmospheric condition - of 85+2 C. - Repeat this rocedure 1,000 times. After the specimens, leave it at room temperature for over 24h and then measure the sample.
Surge voltage
Appearance There should be no significant abnormality.
L.C C / C
Df (tan )
Less than initial limit + Within - 20% of initial value
Less than initial limit
Rev.C
4/8
TCO series P Case
Tantalum capacitors
Item Performance Test conditions (based on JIS C 5101-1 and JIS C 5101-3) After applying the rated voltage for 1000+36 h without discontinuation via the serial resistance + of 3 or less at a temperature of 85 - 2 C, leave the sample at room temperature / humidity for over 24h and measure the value. A force is applied to the terminal until it bends to 1mm and by a perscribed tool maintain the condition for5s.(See the figure below)
50 20 (Unit : mm) F (Apply force)
Loading at Appearance There should be no significant High temperature abnormality. L.C Less than 200% of initial limit C / C Df (tan ) Within + 20% of initial value - 150% of initial limit less than
Terminal strength Capacitance The measured value should be stable. Appearance There should no significant abnormality.
R230 1mm
thickness=1.6mm
45
45
Adhesiveness
The terminal should not come off.
Apply force of 5N in the two directions shown + in the figure below for 10 - 1s after mounting the terminal on a circuit board.
product
C105
Apply force
YAA
a circuit board
Dimensions Resistance to solvents Solderability
Refer to "External dimensions" The indication should be clear 3/4 or more surface area of the solder coated terminal dipped in the soldering bath should be covered with the new solder.
Measure using a caliper of JISB 7507 Class 2 or higher grade. + Dip in the isopropyl alcohol for 30 - 5s, at room temperature. + Dip speed=25 - 2.5mm / s Pre-treatment(accelerated aging): Leave the sample on the boiling distilled water for 1 h. Solder temp. : 245+ 5 C . - : 3 + 0.5s Duration - : M705 Solder : Rosin25% Flux IPA75% Frequency : 10 to 55 to 10Hz/min. Amplitude : 1.5mm Time : 2h each in X and Y directions Mounting : The terminal is soldered on a print circuit board.
Vibration
Capacitance Measure value should not fluctuate during the measurement. Appearance There should no significant abnormality.
Rev.C
5/8
TCO series P Case
Tantalum capacitors
Standard list, TCO series
< P case : 2012 size > Rated Voltage 85C (V) TCO P 0J 106 6.3 10 TCO P 1A 475 =Tolerance(M : 20%) Category Voltage 105C (V) 5 8 Surge Voltage 85C (V) 8 13 Cap. 120Hz Df ESR Tolerance Leakage 120Hz 100kHz Current (%) 25C 1WV 5min 25C 105C (m) -55C (A) (%) 85C + 20 - + 20 - 6.3 4.7 6 6 6 6 9 9 500 500
Part No.
(F) 10 4.7
Packaging specifications
Tape [ P case ] Reek [ P case ]
1.750.1
+1.0 9.0 0
1.5 A B
0.1 0
t1
3.50.05
11.4+1.0 -
8.00.2
Chip t2
13+0.2 -
4.00.1
4.00.1
2.00.05 Feeding direction
Unit : [mm] Case P A+0.1 - 1.55 B+0.1 - 2.3 t1 + 0.05 - 0.25 t2 + 0.1 - 1.5 Pull direction Labelsticling position
EIAJ ET-7200B compatible
Packaging style
Case code P package Taping Packaging style plastic taping 180mmReel Symbol Basic ordering units R 3,000pcs
Damp proof package
One reel is packed in aluminum bag. The size of aluminum bag is 240(g) x 250(b)mm. The size up to 230(c)mm is to zipper. A desiccant is packed with a reel. The aluminum bag is heat-sealed. The label of the same as the label on the reel is placed om the aluminum bag.
C
b
a
Rev.C
0 180 -1.5
60 +1 0
6/8
TCO series P Case
Tantalum capacitors
Electrical characteristics and operation notes (1) Leakage current-to-voltage ratio
LEAKAGE CURRENT RATIO DCL / DCL
1
0.1
0.01 0
20
40
60
80
100
% OF RATED VOLTAGE (VR)
Fig.1
(2) Derating voltage as function of temperature
100
85C
PERCENT OF 85C RVDC1 (VR)
105C Surge Voltage (V.DC) 8 13 Category Voltage (V.DC) 5 8
90
Rated Voltage (V.DC)
80
6.3
70
10
60
50 75
85
95
105
TEMPERATURE (C)
Fig.2
(3) Reliability The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of usage (ambient temperature, applied voltage, circuit resistance). Formula for calculating malfunction rate p= b (
E SR Q CV)
p : Malfunction rate stemming from operation b : Basic malfunction rate E : Environmental factors SR : Series resistance Q : Level of malfunction rate CV : Capacitance For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic capacitors column in MIL-HDBK-217.
Rev.C
7/8
TCO series P Case
Tantalum capacitors
(4) Impedance frequency characteristics
1000
(5) ESR frequency characteristics
10000 1000
TCOP0J106M P case 6.3V10F
TCOP0J106M P case 6.3V10F
100
CAPACITANCE (F)
100 10
ESR ()
10 1
1 0.1 0.1 0.01 0.01 0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY (kHz)
FREQUENCY (kHz)
Fig.3
Fig.4
(6) Capacitance temperature characteristics 120Hz
30 TCOP0J106M P case 6.3V10F 20
CAP CHANGE (%)
(7) ESR temperature characteristics 100kHz
1
TCOP0J106M P case 6.3V10F
0 -10 -20 -30 -55
ESR ()
10
0.1
-15
25
65
105
0.01 -55
-15
25
65
105
TEMPERATURE ( C)
TEMPERATURE ( C)
Fig.5
Fig.6
Rev.C
8/8
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. It is our top priority to supply products with the utmost quality and reliability. However, there is always a chance of failure due to unexpected factors. Therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. ROHM cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the NOTES specified in this catalog.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
www.rohm.com
Copyright (c) 2007 ROHM CO.,LTD.
THE AMERICAS / EUPOPE / ASIA / JAPAN
Contact us : webmaster@ rohm.co. jp
21, Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121 FAX : +81-75-315-0172
Appendix1-Rev2.0


▲Up To Search▲   

 
Price & Availability of TCOP0J106M8R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X